Part Number Hot Search : 
MDR2100 6715MMM DM78L06A LY621 TMP8155P T5100150 ULQ2003A UPD7801
Product Description
Full Text Search
 

To Download A30R Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 S30R / A30R, S30V / A30V
Vishay Thin Film
Center Tap Chip Resistor
FEATURES
* 30 Mil Square Size. * Resistance Range: (Silicon Substrate) Equal value - 4.7 ohms to 1M total Unequal value - 4.7 ohms to 500K per resistor (Alumina Substrate) Equal value - 4.7 ohms to 52K total Unequal value - 4.7 ohms to 26K per resistor * Gold terminations with Tamelox(R) or Tantalum nitride resistor film. * 4 digit custom marking available * Low value indicator for unequal values
Actual Size
Center tap chip resistors allow for greater flexibility of hybrid layout design by utilizing the smallest area for two resistors. Since both resistors are from the same film system, excellent tracking is inherent in the chip. Connecting to the center tap yields half the value: connecting the two resistors in parallel results in one quarter value on equal value resistor styles.
TYPICAL PERFORMANCE
ABS TCR TOL 50 1
CHIP DIAGRAM
Equal Value (S30R, A30R series) Unequal value (S30V, A30V series)
HYBRID
STANDARD ELECTRICAL SPECIFICATIONS
TEST MATERIAL Resistance Range TCR: Tracking Absolute Absolute Tolerance: Resistance Ratio Accuracy Power Rating: Stability (R Ratio) Voltage Coefficient Working Voltage Operating Temperature Range Storage Temperature Range Noise Thermal EMF Shelf Life Stability TAMELOX(R) 4.7 - 1M ohm Silicon 2ppm/C 50ppm/C 20% to 0.1% 2% Standard 250mW Less than 0.1% Max. R/R > 5ppm/Volt 100V Max. all styles - 55C to + 125C - 55C to + 125C - 35dB 0.08V/C 100ppm 1 Year @ +25C (0.05% typical) @ + 70C 2,000 hrs. @ +70C SPECIFICATIONS TANTALUM NITRIDE 4.7 - 52K ohms alumina 5ppm/C 100ppm/C - 55C to +125C - 55C to +125C CONDITIONS
VISHAY THIN FILM * FRANCE +33.4.93.37.28.24 FAX: +33.4.93.37.27.31 * GERMANY +49.9287.710 FAX: +49 9287.70435 * ISRAEL +972.3.557.0945 FAX: +972.3.558.9121 * ITALY + 39.2.300.11919 FAX: +39.2.300.11999 * JAPAN +81.3.5464.6411 FAX: +81.3.5464.6433 * SINGAPORE +65.788.6668 FAX: +65.788.0988 * SWEDEN +46.8.594.70590 FAX: +46.8.594.70581 * UK +44 191 514 8237 FAX: +44 1953 457 722 * USA: (610) 407-4800 FAX: (610) 640-9081
Document Number: 60073 Revision 01-May-03
www.vishay.com 165
S30R / A30R, S30V / A30V
Vishay Thin Film
DIMENSIONS
SUBSTRATE Thickness (Mils) ALUMINA1 10 2 None Gold (15,000 A) 30 x 30 3 MIL 4 Mils Square Min. SILICON 14 2 SiO2 (10,000 A Min.) Gold (15,000 A) 30 x 30 3 MIL 4 Mils Square Min.
Center Tap Chip Resistor
X X
T
Isolation Layer Metallization Die Size (X) Terminations
Packaging Standard 2" Square Waffle Pack (400 Max. per Package)
1
Alumina has the benefit of the higher thermal conductivity and superior high frequency characteristics, however the resistance range is limited by the poorer line resolution versus silicon, because of the surface finish.
MECHANICAL SPECIFICATIONS
Resistive Element Termination Pads Substrate Material Tamelox(R) Gold Silicon or Alumina
HYBRID
FULL LOT TRACEABILITY TO WAFER LEVEL
Visual Criteria Thermal Shock (MIL-STD-202, Method 107, Test Condition C) High Temperature Exposure (125C, 100 Hours in Air) Low Temperature Operation (MIL-PRF-55342 Paragraph 4.7.4) Moisture Resistance (MIL-STD-202 Method 106) Short Time Overload (5 x Rated Power 25C, 5 sec.) Resistance Ratio Accuracy MIL-STD-833 Method 2032 Class H 0.05% Max. R/R (0.02% Typical) 0.10% Max. R/R (0.07% Typical) 0.05% Max. R/R (0.025% Typical) 0.25% Max. R/R (0.05% Typical) 0.25% Max. R/R (0.05% Typical) 2% Standard or 0.1 ohm whichever is greater (0.05% available)
VISHAY THIN FILM * FRANCE +33.4.93.37.28.24 FAX: +33.4.93.37.27.31 * GERMANY +49.9287.710 FAX: +49 9287.70435 * ISRAEL +972.3.557.0945 FAX: +972.3.558.9121 * ITALY + 39.2.300.11919 FAX: +39.2.300.11999 * JAPAN +81.3.5464.6411 FAX: +81.3.5464.6433 * SINGAPORE +65.788.6668 FAX: +65.788.0988 * SWEDEN +46.8.594.70590 FAX: +46.8.594.70581 * UK +44 191 514 8237 FAX: +44 1953 457 722 * USA: (610) 407-4800 FAX: (610) 640-9081
www.vishay.com 166
Document Number: 60073 Revision 01-May-03
S30R / A30R, S30V / A30V
Center Tap Chip Resistor
How to Order
Substrate S = Silicon (Si02) Chip Type/Size Center Tap Chip Resistors 30R = (0.030 x 0.030), Equal value A = Alumina Al2O3 (99.6% purity) 30V = (0.030 x 0.030) Unequal Value Ratio Tolerance S = 2.0% (Standard) A = 1.0% D = 0.5% C = 0.2% B = 0.1% N= Not Applicable TCR Characteristic Ohmic Value The first three digits are significant figures and the last digit specifies the number of zeros to follow. Example: 1R00 = 1 ohm 10R0 = 10 ohms 12R5 = 12.5 ohms 1000 = 100 ohms 1001 = 1000 ohms NOTE: For Unequal values (S30V, S30I Styles) List Both Nominals Example: 25K/10K = 2502/1002 Max. Value/Resistor on Alumina is: A30 26K/26K Tamelox(R) Film Absolute Tolerance Element Technology
Vishay Thin Film
E = 25 ppm/C C = 50 ppm/C K = 100ppm/C NOTES: Best available under 100 ohms 100 ppm/C
B = 0.1% N = Tamelox(R) C = 0.2% Gold Pads D = 0.5% T = Ta2N with F = 1.0% Gold Pads G = 2.0% J = 5.0% M = Values less than 10 ohms use 1 ohm X = Special
Example: S3ORSC1002FN is a 30 mil square center tap chip resistor on silicon with a TCR of 50 ppm/C, resistance value of 10K ohms, and absolute tolerance of 1%, Tamelox(R) Resistor Film. Gold pads.
HYBRID
VISHAY THIN FILM * FRANCE +33.4.93.37.28.24 FAX: +33.4.93.37.27.31 * GERMANY +49.9287.710 FAX: +49 9287.70435 * ISRAEL +972.3.557.0945 FAX: +972.3.558.9121 * ITALY + 39.2.300.11919 FAX: +39.2.300.11999 * JAPAN +81.3.5464.6411 FAX: +81.3.5464.6433 * SINGAPORE +65.788.6668 FAX: +65.788.0988 * SWEDEN +46.8.594.70590 FAX: +46.8.594.70581 * UK +44 191 514 8237 FAX: +44 1953 457 722 * USA: (610) 407-4800 FAX: (610) 640-9081
Document Number: 60073 Revision 01-May-03
www.vishay.com 167


▲Up To Search▲   

 
Price & Availability of A30R

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X